Part Number Hot Search : 
BAT54H MDS731 101MP KBU10M 16080 TLP1032F 2762I HD74L
Product Description
Full Text Search
 

To Download LEDT3632TUR1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  segment digit led display shenzhen wayjun technology co.,ltd - 34 - www.wayjun.com 3.2 common cathode 0.36 inch (9.14mm) product description (1) three digit 0.36 inch (9.14mm) height (5) gray or black color background (2) low current operation (6) common cathode (3) excellent color and font characteri stics (7) rohs compliant part (4) colors: white, blue, red, yellow and green absolute maximum rating (ta = 25 ) parameter red amber green blue white units dc forward current per segment 30 30 25 30 20 ma peak current per segment (1) 70 50 50 25 25 ma avg. forward current (pulse oper ation) per segment 30 30 25 25 25 ma derating linear from 25 per segment 0.3 ma/ reverse voltage (2) 3 v operating temperature -25 to +85 storage temperature -30 to +85 (1) pulse conditions of 1/10 duty and 0.1msec width, for long operating life, max. of 20ma recommended (2) reverse biasing of the dot matrix is not recommend, will cause damage to the leds electro-optical char acteristics (ta = 25 ) part number dice material (color) peak wavelength (nm) max. reverse current / segment (ua) vf (v) typ vf (v) max. luminous intensity / segment average (if = 10ma) LEDT3632TUR1C ingaalp red 630 10 1.8 2.3 40,000 ucd ledt3632tb1c ingan blue 468 10 3.3 4.0 35,000 ucd ledt3632yg1c gap green 568 10 1.9 2.3 12,000 ucd ledt3632uy1c alingap amber 590 10 1.8 2.3 30,000 ucd ledt3632tw1cg ingan white 5,500k 10 3.3 4.0 35,000 ucd
segment digit led display shenzhen wayjun technology co.,ltd - 35 - www.wayjun.com device diagram first digit segment second digit segment pin pin pin pin 1 anode e1 6 nc 1 anode e2 6 nc 2 anode d1 7 anode b1 2 anode d2 7 anode b2 3 anode dp1 10 anode f1 3 anode dp2 10 anode f2 4 anode c1 11 anode a1 4 anode c2 11 anode a2 5 anode g1 5 anode g2 third digit segment pin pin pin 1 anode e3 6 nc 8 common cathode 8 2 anode d3 7 anode b3 9 common cathode 9 3 anode dp3 10 anode f3 12 common cathode 10 4 anode c3 11 anode a3 5 anode g3


▲Up To Search▲   

 
Price & Availability of LEDT3632TUR1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X